Part Number Hot Search : 
2SC1968 CERXXX TA7310 GPAF807 30N03S2L 1803617 16V08 67100
Product Description
Full Text Search
 

To Download RBV-406B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  38 external dimensions flammability: ul94v-0 or equivalent (unit: mm) 50.0 1.0 2.9 0.1 2.4 0.1 0.57 0.02 cathode mark 62.3 0.7 5.0 0.2 2.7 0.2 0.6 0.05 cathode mark 62.3 0.7 5.0 0.2 2.7 0.2 0.78 0.05 cathode mark 62.5 0.7 7.2 0.2 4.0 0.2 0.78 0.05 cathode mark 50.0 0.1 1.4 0.1 6.5 0.2 cathode mark 8.0 0.2 62.5 0.7 7.2 0.2 4.0 0.2 0.98 0.05 cathode mark c0.5 16.9 (13.5) 8.4 0.8 3.9 4.0 10.0 2.2 2.6 4.2 2.8 1.35 1.35 0.85 2.54 2.54 0.45 3.3 9.0 15.0 5.0 2.8 3.5 16.5 0.5 20.0 0.5 20.0 0.8 3.3 3.4 2.3 1.0 5.45 5.45 5.0 0.65 2.6 +0.2 0.1 16.9 (13.5) 8.4 0.8 3.9 4.0 10.0 2.2 2.6 4.2 2.8 1.35 0.85 5.08 0.45 3.3 schottky barrier diodes 60v 4.5 0.2 0.05 2.0min 1.35 0.4 1.35 0.4 5.1 2.6 0.2 2.05 0.2 1.1 0.2 1.5 0.2 +0.4 0.1 package part number v rm (v) i f (av) ( a ) i fsm ( a ) 50hz half-cycle sinewave single shot v f (v) i f ( a ) i r (ma) i r (h) (ma) v r = v rm max v r = v rm max tj ( c) tstg ( c) ta ( c) max mass (g) surface mount axial frame-2pin center-tap bridge 60 0.7 1.5 2.0 2.0 5.0 6.0 0.7 0.7 1.5 1.5 2.0 3.5 6.0 4.0 10 10 15 20 30 30 4.0 sfpb-56 sfpw-56 sfpb-66 sfpb-76 spb-g56s spb-66s ak 06 ek 06 ek 16 rk 16 rk 36 rk 46 fmb-g16l fmb-26 fmb-26l fme-2106 fmb-36 fmb-2206 fmb-2306 fmb-36m RBV-406B 0.7 1.5 2.0 2.0 5.0 3.0 0.7 0.7 1.5 1.5 2.0 3.5 5.0 2.0 5.0 5.0 7.5 10.0 15 15.0 2.0 1 1 1 2 3 1 1 1 1 1 2 3 5 1 2.5 1 5 8 8 10 2 20 20 20 20 5 5 22 20 17 15 12 8 4 4 4 4 2 4 4 2 5 82 95 83 84 85 86 87 88 89 91 95 94 91 92 94 95 0.072 0.072 0.072 0.072 0.29 0.29 0.13 0.3 0.3 0.45 0.6 1.2 2.1 2.1 2.1 2.1 5.5 2.1 2.1 5.5 4.25 10 25 25 40 60 40 10 10 25 25 40 70 50 40 50 60 100 150 150 150 40 7.5 70 15 20 125 70 7.5 7.5 15 15 20 35 50 20 50 35 75 275 400 150 20 100 150 (tj) 100 100 150 150 100 100 100 100 100 100 100 100 100 150 (tj) 100 150 150 (tj) 100 100 0.62 0.7 0.69 0.62 0.7 0.7 0.62 0.62 0.62 0.62 0.62 0.62 0.62 0.62 0.62 0.72 0.62 0.7 0.7 0.62 0.62 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 rth (j- ) rth (j-c) ( c/w) fig. no. page where characteristic curve is shown 6.5 0.4 2.3 0.4 5.4 4.9 4.1 5.4 0.4 1.7 0.5 5.5 0.4 2.5 0.4 0.8 0.1 0.8 1.5 max 0.1 0.55 0.1 0.55 0.1 1.15 0.1 1.2max 2.29 0.5 2.29 0.5 0 to 0.25 0.5 0.2 2.9 0.16 1.37 5.0 0.7 a: part number b: polarity c: lot no. (common to backside of case) n.c 1 chip anode cathode anode center-tap anode cathode (common) a b c 7.5 0.1 7.5 0.1 7.5 0.1 12.5 0.2 4.6 0.2 3.6 0.2 c3 1 +0.2 0.1 +0.2 0.1 0.7 11 0.2 9.5 0.2 15 0.2 (4) 3.8 0.2 3.2 0.2 2.7 0.1 surface mount center-tap 25 0.2
95 RBV-406B 02550 40 75 100 125 0 0.8 1.6 2.4 3.2 4.0 0 0.2 0.4 0.6 0.8 1.0 1.2 50 10 1 0.1 0.001 0.01 010 30 70 60 20 50 40 30 10 1 0.1 0.01 0.001 10 20 40 30 0 1 5 50 10 20ms t a 125 c = 60 c 100 c 25 c 100 c t a 125 c = 60 c 25 c i fsm (a) ambient temperature ta ( c) average forward current i f(av) (a) ta i f (av) derating reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating characteristic curves schottky barrier diodes sfpw-56 fme-2106 10 20 25 0 overcurrent cycles 1 5 peak forward surge current i fsm (a) 50 10 20ms i fms rating 20 40 60 0 overcurrent cycles 1 5 peak forward surge current i fsm (a) 50 10 20ms i fms rating v r =60v 0 100 50 150 0 0.5 1.0 1.5 average forward current i f(av) (a) case temperature tc ( c) tc i f (av) derating 0 1.5 2.0 0.5 1.0 2.5 0.001 0.01 0.1 1 10 100 forward current i f (a) forward voltage v f (v) v f i f characteristics t t tj=150 c 03050 40 10 20 60 0 0.5 1.0 2.5 2.0 1.5 3.5 3.0 4.0 reverse power loss p r (w) reverse voltage v r (v) v r p r characteristics t t tj=150 c sinewave t / t=1/6 t / t=1/2 t / t=1/3 d.c. sinewave t / t=1/2 t / t=2/ 3 t / t=5/6 ta=150 c 100 c 60 c 25 c v r =60v 0 0.3 0.6 0.9 1.2 1.5 0.001 0.01 0.1 1 10 100 forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) 0 10 20304050607080 0.001 0.01 0.1 1 10 100 1000 reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) 50 90 70 110 130 150 0 2 4 6 8 10 average forward current i f(av) (a) case temperature tc ( c) t t tj=150 c tc i f (av) derating ta=150 c 125 c 100 c 25 c sinewave t / t=1/6 t / t=1/2 t / t=1/3 d.c. 150 c 125 c 100 c 25 c i fsm (a) i fsm (a)


▲Up To Search▲   

 
Price & Availability of RBV-406B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X